Part Number Hot Search : 
UZ5113 HZ11H HZ11H HZ11H AN1266 10013 LA9703W BR2510M
Product Description
Full Text Search
 

To Download 3510-103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rast 2.5 connectors, pitch 2.5/5.0 mm rast 2.5 connector for direct mating, insulation displacement technology (idt), alternatively with or without keying rib and closed sides, for ribbon cable, daisy chain possible contact pitch 2.5 mm of 4 35 3510-1 02/2018
2 environmental conditions temperature range 0 c0 c 1 1 upper limit temperature (insulating body) rti (electrical) of the ul yellow card materials insulating bod pt 0 according to u 0 () pa 2 according to u 0 m2() 1 contact spring cusn, tin-plated C 3510-1 (m...s...) cusn, tin-plated (sn/ag), 2-9 poles C 3510-1 (m...s...)v03 cusn, pre-nickel and gold-plated C 3510-1 (m...s...)v102 1 m12: component glow wire resistant (gwt 750 c), testing acc. to iec 60695-2-11, assessment acc. to iec 60335-1 (flame < 2 s) mechanical data mating ith printed circuit board 0 mm insertion forcecontact 0 n ithdraal forcecontact 0 n eing proposals at lumbergcom ? ? connectable conductors for idt area construction flat cable 2 mm ection min 0 mm ection ma 0 mm insulation diameter mm approved cables at lumbergcom ? ? electrical data (at t amb 20 c) contact resistance m ated current a (tsubusub 0 c) 2 a (tsubusub 00 c) ated voltage 2 ac material group iiia (iec)2 (u) (cti 20) creepage distance 0 mm clearance 0 mm insulation resistance of 35 3510-1 02/2018
3 *a terminated connector *b color marking: 3510-1 (m...)s01 blue 3510-1 (m...)s02 green 3510-1 (m...)s03 brown *c k = keying (alternatively) p1, p2 = positioning (alternatively) *d example for printed circuit board layout *e chaining of the component parts (state of delivery) associated products arnessing euipment ? hz35-k of 4 35 3510-1 02/2018
4 designation pole number pu (pieces) mdq (pieces) dimensions a (mm) (mm) c (mm) e (mm) (mm) 0 02 2 0 0 2 0 0 00 00 0 0 0 0 0 200 200 2 2 0 0 220 220 00 20 0 0 00 00 2 0 0 00 00 0 0 20 0 0 0 200 22 22 0 0 0 200 200 2 220 2 2 0 0 0 0 200 22 2 2 2 2 designation to be completed by further details (e.g. for keying, color or material options). packaging: chained, in a cardboard box of 4 35 3510-1 02/2018


▲Up To Search▲   

 
Price & Availability of 3510-103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X